Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

800 Fiches techniques, Datasheet

Description trouvée : '800' - Totale: 946 (1/48) Page
FabricantNo de pièceVoirDescription

Nihon Inter Electronics...
PD150KN8 DIODE 150A Avg 800 Volts

Infineon Technologies A...
BGA734L16 Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)

Tyco Electronics
2-1437540-2 DIP SOCKET, 800 SERIES

Power Analog Micoelectr...
CC611416C POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts

World Produts Inc.
WPANT10016-CA 800 / 900 MHz ISM Band and GSM Embedded Antenna

Molex Electronics Ltd.
0734151633 75 Ohms, MCX Vertical Surface Mount Jack Receptacle, Gold, 800 Pieces Per Tape and Reel

Kemet Corporation
T491D336K020AT Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
C4AF3BW4900A3OK C4AF, Film, Metallized Polypropylene, Power, 9 uF, 10%, 800 V, 85C, Lead Spacing = 37.5mm

Pan Jit International I...
FR2A SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)

Tyco Electronics
A89 100 TO 800 MHz CASCADABLE AMPLIFIER

Motorola, Inc
MAC218 TRIACs 8 AMPERES RMS 200 thru 800 VOLTS

Tyco Electronics
MAFLCC0004 Low Cost SMT High Pass Filter 800 - 3000 MHz

HBH Microwave GmbH
HP1001 800 - 1200 MHz Phase Shifter

NXP Semiconductors
PBRP113ET PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW

Nihon Inter Electronics...
PGH758AM_1 75A Avg 800 Volts

Yea Shin Technology Co....
UF1000FCT ISOLATION UL TRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere

NIHON DEMPA KOGYO
PDT400N8 400A Avg 800 Volts

International Rectifier
OM5010ST_15 12 Amp, 800 & 1000 Volts, 50 nsec trr

Teledyne Technologies I...
A2C5120 10 TO 800 MHz SMA CASCADED AMPLIFIER

Pasternack Enterprises,...
PE2CP1025-10 Directional 10 dB SMA Coupler From 800 MHz to 2.5 GHz Rated to 50 Watts

  1 2 3 4 5 6 7 8 9 10