Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

8.3 Fiches techniques, Datasheet

Description trouvée : '8.3' - Totale: 32 (1/2) Page
FabricantNo de pièceVoirDescription

Recom International Pow...
RNM-0512S Ultra-compact - only 8.3 x 8.3 x 6.8mm

Lineage Power Corporati...
ATA006A0X-SR 8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current

Bel Fuse Inc.
VRBA-06A2AX NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output

PHOENIX CONTACT
1212308 Spare knife for WIREFOX-D CX-6, strip-off dimensions 2.7 + 8.3 mm

Ericsson
PMC8818TS DC/DC regulator Input 8.3 - 16 V Output 16 A

Lineage Power Corporati...
ATA016A0X3 8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output;16A output current
ATA010A0X3-SR 8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current

Bel Fuse Inc.
SRBC-16A1AX NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output

Kemet Corporation
CBR06C839B5GAC CBR-SMD RF C0G, Ceramic, High Q, 8.3 pF, +/-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

Abracon Corporation
AB38T-32-768KHZ 32.768kHz WATCH CRYSTAL, 8.3 x ø3.2MM CYLINDER PACKAGE

Lineage Power Corporati...
AXA003A0X-SR 8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current

Bel Fuse Inc.
VRBC-16A2AX NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
SRBA-03A1AX NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output

TOKO, Inc
DEM8030C 8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.

Hittite Microwave Corpo...
HMC-C200_4 DIELECTRIC RESONATOR OSCILLATOR MODULE, 8.0 - 8.3 GHz

Lineage Power Corporati...
ATA010A0X3 8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current

Bel Fuse Inc.
SRBC-16A2AX NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output

Kemet Corporation
CBR02C839B5GAC CBR-SMD RF C0G, Ceramic, High Q, 8.3 pF, +/-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

Bel Fuse Inc.
SRBA-06A2AX NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/6 A Output

Lineage Power Corporati...
AXA003A0X 8.3 - 14Vdc Input; 0.75Vdc to 5.5Vdc Output; 3A output current

  1 2