Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

8-BIT Fiches techniques, Datasheet

Description trouvée : '8-BIT' - Totale: 7382 (1/370) Page
FabricantNo de pièceVoirDescription

Renesas Technology Corp
HN58X2408I Two-wire serial interface 8k EEPROM (1-kword × 8-bit)/16k EEPROM (2-kword × 8-bit) 32k EEPROM (4-kword × 8-bit)/64k EEPROM (8-kword × 8-bit)

Hitachi Semiconductor
HN58X2408I Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)

Renesas Technology Corp
HN58X2408FPIAG Two-wire serial interface 8k EEPROM (1-kword × 8-bit)/16k EEPROM (2-kword × 8-bit) 32k EEPROM (4-kword × 8-bit)/64k EEPROM (8-kword × 8-bit)

Motorola, Inc
MC6800 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS

OKI electronic componet...
MR27V1652E 1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

Samsung semiconductor
S3C880A 8-BIT CMOS 8-BIT 8-BIT MICROCONTROLLERS

STMicroelectronics
ST7263BHX_09 Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
ST72311R 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES

National Semiconductor ...
COP888EB 8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART

NXP Semiconductors
P89LPC933 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
P89LPC933 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
P89LPC9151 8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC

Diodes Incorporated
74AHCT594 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

OKI electronic componet...
MR27V1652D 1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

NXP Semiconductors
87C749 80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count

OKI electronic componet...
MSM27C3252CZ 2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

Diodes Incorporated
74HC595 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

NXP Semiconductors
P89LPC915 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
P89LPC9351 8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 8-bit ADC

STMicroelectronics
ST7263 LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C

  1 2 3 4 5 6 7 8 9 10