Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

750 Fiches techniques, Datasheet

Description trouvée : '750' - Totale: 183 (1/10) Page
FabricantNo de pièceVoirDescription

Motorola, Inc
MHW7142 750 MHz CATV Conventional Hybrid Amplifier

NXP Semiconductors
DAC1008D750_11 Dual 10-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating

Tyco Electronics
DS-331 Two-Way Power Divider 750 - 1500 MHz

Quanzhou Jinmei Electro...
BGD704_15 750 MHz, 20 dB gain power doubler amplifier

NXP Semiconductors
DAC1208D750 Dual 12-bit DAC; up to 750 Msps; 2×, 4× or 8× interpolating with JESD204A interface

Analog Devices
AD7886 LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
AD7612_17 16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
ADV3226 750 MHz, 16 x 16 Analog Crosspoint Switch

NXP Semiconductors
BGD702N 750 MHz, 18.5 dB gain power doubler amplifier

Quanzhou Jinmei Electro...
BGY785A_2015 750 MHz, 18.5 dB gain push-pull amplifier

Cadeka Microcircuits LL...
CDK1302 8-bit, 750 MSPS, Flash A/D Converter

Motorola, Inc
MHW7272A 27 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER

Quanzhou Jinmei Electro...
BGD712_2015 750 MHz, 18.5 dB gain power doubler amplifier

Mini-Circuits
TCD-10-1W Directional Coupler 50Ω 10 to 750 MHz

Motorola, Inc
MHW7205C High Ouput Power Doubler 750 MHz CATV Amplifier

Analog Devices
ADP1660 Dual 750 mA LED Flash Driver with I2C-Compatible Interface

First Components Intern...
HV07 750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS

Yantel Corporation
DC0850U20-122 Directional Coupler 750 MHz-950 MHz

NXP Semiconductors
BGO747 750 MHz optical receivers

Texas Instruments
BQ24085DRCR 750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC

  1 2 3 4 5 6 7 8 9 10