Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

700 Fiches techniques, Datasheet

Description trouvée : '700' - Totale: 368 (1/19) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE-T1002 50 Ohm 2 Way 7/16 DIN Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 700 Watts
PE8727 5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 700 MHz With a 700 MHz Passband

Kemet Corporation
C4ATJBW5100A3MJ Film, Metallized Polypropylene, Power, C4AT, 10 uF, 5%, 700 V, 70C, Lead Spacing = 52.5mm

Hittite Microwave Corpo...
HMC684LP4_10 BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz

List of Unclassifed Man...
RS196 Inverted Mesa Crystals Blanks 100 - 700 MHz 5.0 x 7.0mm SMD packages

Kemet Corporation
T494D475K035AT T494, Tantalum, MnO2 Tantalum, 4.7 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 700 mOhms, Height Max = 3.1mm

Artesyn Technologies
AGF700-48S30LT POWER 700 Watts

Infineon Technologies A...
BGA713L7 Single-Band UMTS LNA (700, 800 MHz)

OKI electronic componet...
MBF9045BC SAW Antenna Duplexer (700 to 1000 MHz)

Motorola, Inc
BUL147 POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS

MPS Industries, Inc.
MP173GJ-P 700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current

Kemet Corporation
C44UJGT6425A7SK_17 Film, Metallized Polypropylene, DC Link, C44U, 425 uF, 10%, 700 V

Unisonic Technologies
2N70L 2 Amps, 700 Volts N-CHANNEL POWER MOSFET

Sparkle Power Inc.
R-SPI700GHN 700 Watts EPS12V & ATX12V Switching Power Supply

Pasternack Enterprises,...
PE-T1012 50 Ohm 3 Way N Equal Tapper Optimized For Mobile Networks From 700 MHz to 2.7 GHz Rated at 500 Watts

QUARTZCOM the communica...
VXO-P9-PEM-6P SMD VCXO LVPECL Output frequency up to 700 MHz

ON Semiconductor
BUL42D 4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR

LUMEX INC.
SSL-LX3054HD T-3mm 700 RED LED

Skyworks Solutions Inc.
SKY73070 700 - 1000 MHz High Gain and Linearity Single

Analog Devices
ADP2302 2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators

  1 2 3 4 5 6 7 8 9 10