Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

600 Fiches techniques, Datasheet

Description trouvée : '600' - Totale: 1579 (1/79) Page
FabricantNo de pièceVoirDescription

Nihon Inter Electronics...
PHMB600A6_1 600 A 600 V

Cooper Bussmann, Inc.
FRS-R-110_16 Fusetron™ 600 V Class RK5, FRS-R600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses

Microsemi Corporation
SMBJ24AE3 SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt

Cooper Bussmann, Inc.
J60060-2C Class J Fuseblocks 600 Volt, Ú 600 Amps

Microsemi Corporation
SMBJ33AE3 SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt
SMBJ30CAE3 SURFACE MOUNT 600 Watt SURFACE MOUNT 600 Watt

Rhombus Industries Inc.
T-795 Line Matching Transformer 600 Ohm to 600 Ohm

E-CMOS Corporation
P6KE Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W

StarHope
TVS-P6KE Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State

Solid States Devices, I...
SFT2907A2 Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor

Teledyne Technologies I...
AC652 10 TO 600 MHz TO-8 CASCADABLE AMPLIFIER

Tyco Electronics
2-1192126-8 WIRE, ELECTRIC, RADIATION-CROSSLINKED, TIN-COATED COPPER, LIGHTWEIGHT, GENERALPURPOSE, 600 VOLT

ON Semiconductor
NCP1521B 1.5 MHz, 600 mA Step−Down DC−DC Converter

Pasternack Enterprises,...
PE2CP1017 Dual Directional 40 dB SC Coupler From 800 MHz to 4.2 GHz Rated To 600 Watts

Central Semiconductor C...
MCR716 SURFACE MOUNT SILICON CONTROLLED RECTIFIER 4 AMP, 400 THRU 600 VOLTS

Daesan Electronics Corp...
UFP1610 CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS

Winchester Electronics ...
1205-77-9MJ3 PLUG, N (LMR 600)

Micro Commercial Compon...
SF31G 3 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts

Rectron Semiconductor
RL850 SOFT RECOVERY/FAST SWITCHING RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Amperes)

STMicroelectronics
STPSC2006CW 600 V power Schottky silicon carbide diode

  1 2 3 4 5 6 7 8 9 10