Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

6.5 Fiches techniques, Datasheet

Description trouvée : '6.5' - Totale: 130 (1/7) Page
FabricantNo de pièceVoirDescription

Vitesse Semiconductor C...
VSC3312 6.5 Gbps 12x12 Crosspoint Switch

List of Unclassifed Man...
SNA-486 DC - 6.5 GHZ CASCADABLE GAAS MMIC AMPLIFIER

M/A-COM Technology Solu...
MAAM26100 GaAs MMIC Power Amplifier 2.0 - 6.5 GHz

Excelics Semiconductor,...
EMP106-P1 5.0 - 6.5 GHz Power Amplifier MMIC

Infineon Technologies A...
ESD202-B1-CSP01005_15 Bi-directional, 5.5 V, 6.5 pF, 01005, RoHS and Halogen Free compliant

Kemet Corporation
CBR06C659B5GAC CBR-SMD RF C0G, Ceramic, High Q, 6.5 pF, +/-0.1 pF, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
T498A105K016ATE6K5 Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 6.5 Ohms, Height Max = 1.8mm

Weidmuller
0519060001 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0519060011 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white
0468160051 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white

Fairchild Semiconductor
FQD2P40TM P-Channel QFET MOSFET -400 V, -1.56 A, 6.5

Weidmuller
0519060091 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white

Analog Devices
ADP2164 6.5 V, 4 A, High Efficiency

Hittite Microwave Corpo...
HMC251MS8_01 GaAs MMIC SMT DIVIDE-BY-2, 3.0 - 6.5 GHz

Weidmuller
0468091686 Connector markers, L x W: 6.5 x 5 mm, Polyamide 66, red
0407360041 Connector markers, L x W: 5 x 6.5 mm, Polyamide, white

BRIGHT LED ELECTRONICS ...
BA-2S2UW 6.5 x 129.mm LIGHT BAR

List of Unclassifed Man...
STK4017 6.5 TO 25E MIN AF POWER AMP

Silicon Touch Technolog...
FD177 Single Coil Brushless DC Motor Drivers with Soft-Switching( 2.0 to 6.5 Volts )

Pericom Semiconductor C...
PI2DBS6212 6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch

  1 2 3 4 5 6 7