Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



6.20MM Fiches techniques, Datasheet

Description trouvée : '6.20MM' - Totale: 180 (1/9) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0022289142 2.54mm (.100") Pitch KK® Header, Breakaway, Right Angle Surface Mount Compatible, 14 Circuits, 0.38μm (15μ") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
22-28-8252 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 25 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm
0351500414 6.20mm (.244") Pitch Wire-to-Wire VersaBlade™ Hybrid Plug Housing, with MountingEars, 4 Circuits, Polyester UL94V-0, Blue

BetLux Electronics
BL-Q25G-41 6.20mm (0.25) Four digit Seven Segment LED display series

Molex Electronics Ltd.
22-28-8230 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 23 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm
0351500214 6.20mm (.244") Pitch Wire-to-Wire VersaBlade™ Hybrid Plug Housing, with MountingEars, 2 Circuits, Polyester UL94V-0, Blue

BetLux Electronics
BL-Q25A-43 6.20mm (0.25) Four digit numeric display series

Molex Electronics Ltd.
22-28-8194 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 19 Circuits, 0.76μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm
0351510210 6.20mm (.244") Pitch Wire-to-Wire VersaBlade™

Ningbo Foryard Optoelec...
FYQ-2541IX-00 0.25Inch (6.20mm) digit height Four Digits Display

Molex Electronics Ltd.
22-28-8170 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 17 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm
22-28-8040 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 4 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm
22-28-9362 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 36 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-8142 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 14 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm
0022288074 2.54mm (.100") Pitch KK® Header, Breakaway, Right Angle Surface Mount Compatible, 7 Circuits, 0.76μm (30μ") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244")
22-28-9180 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 18 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-8112 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 11 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm
0022289190 2.54mm (.100") Pitch KK® Header, Breakaway, Right Angle Surface Mount Compatible, 19 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244"), with Kinked PC Tails
22-28-9132 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 13 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm, with Kinked PC Tails
22-28-8092 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 9 Circuits, 0.38μm Gold (Au) Selective Plating, Mating Pin Length 6.20mm

1 2 3 4 5 6 7 8 9 Next