Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

6.0 Fiches techniques, Datasheet

Description trouvée : '6.0' - Totale: 584 (1/30) Page
FabricantNo de pièceVoirDescription

Kingtronics Internation...
KBU6005-KBU610 Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes

PHOENIX CONTACT
1212309 Spare knife for WIREFOX-D CX-7, strip-off dimensions 6.0 + 6.0 mm

GOOD-ARK Electronics
SF61_15 6.0 Amps. Glass Passivated Super Fast Rectifiers Voltage Range 50 to 1000 Volts Forward Current 6.0 Amperes

Kingtronics Internation...
GBJ6005-GBJ610 Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 6.0 Amperes

M/A-COM Technology Solu...
MASW-000825-12770T HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications

Energizer
EL223 6.0 Volts 37.0 grams (1.3 oz.) 23.8 cubic centimeters (1.4 cubic inch)

Shenzhen Yixinwei Techn...
6A10 6.0 AMP SILICON RECTIFIERS

Cree, Inc
CGH60060D 60 W, 6.0 GHz, GaN HEMT Die

Micronetics, Inc.
B60A Double Balanced Mixers 6.0 to 10.0 GHz

Cree, Inc
CGH60120D 120 W, 6.0 GHz, GaN HEMT Die

WILLAS ELECTRONIC CORP
FR601 VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes

First Components Intern...
SF61 6.0 Amp SUPER FAST PLASTIC RECTIFIERS

Hittite Microwave Corpo...
HMC467LP3 2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz

Cherry Semiconductor Co...
G80-3930 CHERRY MX BOARD 6.0

M/A-COM Technology Solu...
MASWSS0202 GaAs Broadband SPDT Switch DC - 6.0 GHz

Hittite Microwave Corpo...
HMC233G8_06 GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz

Jinan Gude Electronic D...
FR601G 6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS

SeCoS Halbleitertechnol...
S6JB80 6.0 Amp Glass Passivited Bridge Rectifiers

ON Semiconductor
NTMD6N02R2_05 Power MOSFET 6.0 Amps, 20 Volts

M/A-COM Technology Solu...
MASW-007588 GaAs Broadband SPDT Switch DC - 6.0 GHz

  1 2 3 4 5 6 7 8 9 10