Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

5000 Fiches techniques, Datasheet

Description trouvée : '5000' - Totale: 150 (1/8) Page
FabricantNo de pièceVoirDescription

Ralston Instruments.
XHGV-5KPSIG-D XHGV (5000 psi / 350 bar) pump, 5000 psi digital gauge, 3ft hose, 1/4
XHGV-5KPSIG-M XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge, 3ft hose, 1/4
XHGV-5KPSI-M XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge

Rectron Semiconductor
HVM5 HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)

Altera Corporation
EPM5016 High-Speed, High-Density MAX 5000 Devices

Mini-Circuits
ZAPD-50 Power Splitter/Combiner 2 Way-0 50Ω 4400 to 5000 MHz
HFCN-1320 Ceramic High Pass Filter 1700 to 5000 MHz

Renesas Technology Corp
S12744EJ4V0DS00_15 5000 PIXELS CCD LINEAR IMAGE SENSOR

Shenzhen Luguang Electr...
5KP140A TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts

Ralston Instruments.
QTHP-0015 XHGV pump body casting with piston (5000 psi / 350 bar)

Shenzhen Luguang Electr...
5KP200A TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts

API Technologies Corp
MR160L RF/LO: 0.75 to 8.0 GHz IF: 10 to 5000 MHz

Micro Commercial Compon...
5.0SMLJ11A_15 Transient Voltage Suppressor 11 to 400 Volts 5000 Watt

Dc Components
R4000 HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere)

Kemet Corporation
VC0805K121R020 Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW

Toshiba Semiconductor
TLP705A Isolation voltage - 5000 Vrms (min)

Ralston Instruments.
XHGV-0000 5000 psi (350 bar) XHGV pump

Protek Devices
SM5KW10A 5000 WATT TVS COMPONENT

Micro Commercial Compon...
5.0SMLJ24A-TP Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
50SMLJ11A_09 Transient Voltage Suppressor 11 to 170 Volts 5000 Watt

  1 2 3 4 5 6 7 8