Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

500 Fiches techniques, Datasheet

Description trouvée : '500' - Totale: 2198 (1/110) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE7032-30 N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz

Schurter Inc.
SHF6.3X32PIGTAIL Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A

Tyco Electronics
MD-124 Double-Balanced Mixer, 500 KHz - 500 MHz

Pasternack Enterprises,...
PE2CP1002 Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts

Advantech Co., Ltd.
PCI-1715U 500 kS/s, 12-bit, 32-ch Isolated Analog 500 kS/s, 12-bit, 32-ch Isolated Analog

Schurter Inc.
8020.5068.PT Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A

Pasternack Enterprises,...
PE7032-6 N ATTENUATOR MALE TO FEMALE 500 WATT, FREQUENCY RANGE: DC TO 500 MHz

Micronetics, Inc.
NMA2009-A1D Legacy 500 Hz to 500 MHz

Pasternack Enterprises,...
PE2CP1010 Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1012 Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts

Micronetics, Inc.
NMA2009-A2S Legacy 500 Hz to 500 MHz

Motorola, Inc
MRF275G 150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET

Schurter Inc.
SHF6.3X32 Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A

XP Power Limited
GCU500_18 AC-DC Power Supplies 500 Watts

Protek Devices
PSR05LC 500 WATT ultra low capacitance steering diode/TVS array

Kemet Corporation
T489C107M010ATE500 Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 6032, SMD, MnO2, Molded, Low Leakage, 500 mOhms, Height Max = 2.8mm

Microchip Technology
TC1303A_08 500 mA Synchronous Buck Regulator, + 300 mA LDO with Power-Good Output

Kemet Corporation
C1210C222JCGACTU Ceramic, Commercial-(CxxxxC), 2200 pF, 5%, 500 V, 1210, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I

Tak Cheong Electronics ...
1N5221B 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

Texas Instruments
ADC122S655_15 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter

  1 2 3 4 5 6 7 8 9 10