Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

5.5 Fiches techniques, Datasheet

Description trouvée : '5.5' - Totale: 578 (1/29) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1212307 Spare knife for WIREFOX-D CX-5, strip-off dimensions 5.5 + 5.5 mm

Analog Devices
AD5346 2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface

Fairchild Semiconductor
FDMS7676 N-Channel PowerTrench� MOSFET 30 V, 5.5 mΩ

Texas Instruments
TLV2541 2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN

World Produts Inc.
WPANT30092-R1A 5.5 GHz Wi-Fi Directional Panel Antenna

Analog Devices
AD5313_15 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
AD9834_10 20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
AD5024 Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP

Kemet Corporation
FM0H224ZF Supercapacitors, Radial Molded, Commercial Grade, FM, 0.22 F, -20/+80%, 5.5 V, Wire Leads, Lead Spacing = 5mm

Infineon Technologies A...
ESD101-B1-02_15 Bi-directional, 5.5 V, 0.1 pF, 0201, 0402, RoHS and Halogen Free compliant

Analog Devices
AD8468WBKSZ Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator

Hittite Microwave Corpo...
HMC431LP4_08 MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz

Analog Devices
AD5305 2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs

Kemet Corporation
T491A475M006AT_17 Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, 5.5 Ohms, Height Max = 1.8mm

List of Unclassifed Man...
8808A 8808A 5.5 Digit Multimeter

Renesas Technology Corp
RL78 True Low Power Platform (as low as 66 A/MHz, and 0.60 A for RTC + LVD), 1.6 V to 5.5 V operation

Artesyn Technologies
SIL15E 3.0 Vin to 5.5 Vin Single output

Seiko Instruments Inc
S85S1A 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT

Analog Devices
AD5541_15 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
AD7896ANZ 2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP

  1 2 3 4 5 6 7 8 9 10