Fabricant | No de pièce | Fiches technique | Description |
NXP Semiconductors
|
PBSS303NZ |
172Kb/14P |
30 V, 5.5 A NPN low VCEsat (BISS) transistor Rev. 02-20 November 2009 |
PBSS302PZ |
172Kb/14P |
20 V, 5.5 A PNP low VCEsat (BISS) transistor Rev. 02-20 November 2009 |
PCA9957 |
858Kb/56P |
24-channel SPI serial bus 32 mA/5.5 V constant current LED driver Rev. 2-25 February 2021 |
PCA9959 |
824Kb/58P |
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver Rev. 1.2-22 October 2021 |
PCA9959 |
813Kb/57P |
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver Rev. 1.3 ??23 May 2022 |
S32K144 |
1Mb/100P |
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0+ core with excellent energy efficiency Rev. 13, 04/2020 |
80C31 |
238Kb/32P |
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz) 2000 Aug 07 |
P83C654X2 |
501Kb/88P |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 2004 Apr 20 |
P80C31X2 |
408Kb/62P |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz) 2003 Jan 24 |
P83C660X2 |
572Kb/102P |
80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces 2003 Oct 02 |