Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



480 Fiches techniques, Datasheet

Description trouvée : '480' - Totale: 166 (1/9) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
OV7640 OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
EZ240A12 5-18Amp 120/240, 480 Vac AC Output

Union Semiconductor, In...
UM7222 High-Speed USB2.0 (480 Mbps) DPDT Switch

ON Semiconductor
NLAS7222BMUTAG High-Speed USB 2.0 (480 Mbps) DPDT Switches

Kemet Corporation
PHE844RF6330MR06L2_17 Film, Metallized Polypropylene, Safety, PHE844/F844, 0.33 uF, 20%, 1,000 V, 480 V, 105C, Lead Spacing = 27.5mm
P278HE102M480A P278 Series Metallized Impregnated Paper, Class X1, 480 VAC

LG Semicon Co.,Ltd.
LB064V02 6.4 V (640 X RGB X 480 ) TFT LCD

NXP Semiconductors
PMR670UPE 20 V, 480 mA P-channel Trench MOSFET

Alpha & Omega Semicondu...
AOZ6184 High-Speed USB 2.0 (480 Mbps) DPDT Switch

Kemet Corporation
PHE844RR7220MR06L2 Capacitor, film, 2.2 uF, +/-20% Tol, -40/+105C, Safety: X1, 480 VAC, Lead Spacing=37.5 mm

PHOENIX CONTACT
TPG070SGW Rugged-Touch panel with 17.8 cm/7" TFT-display (Analog resistive (GFG)), 800 x 480 Pixel(s) (WVGA),

ON Semiconductor
NCN9252_11 High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing

Texas Instruments
FPD33680 FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications

Pasternack Enterprises,...
PE51007 Wideband Mobile Antenna, 440 - 480 MHz, 4.5 dB

Hantronix,Inc
HDM4832L_15 480 X 320 Dots Graphics White LED Backlight

List of Unclassifed Man...
CX240A5 5Amp 120/240, 380, 480 Vac AC Output SIP

JMK Inc.
1208 Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp

Union Semiconductor, In...
UM7222MA High-Speed USB2.0 (480 Mbps) DPDT Switch

ON Semiconductor
NL3S2223 High-Speed USB 2.0 (480 Mbps) DPDT Switches

TAI-SAW TECHNOLOGY CO.,...
TA2078A SAW Filter 480 MHz

1 2 3 4 5 6 7 8 9 Next