Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

470 Fiches techniques, Datasheet

Description trouvée : '470' - Totale: 365 (1/19) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
C324C471J1G5TA Ceramic, GoldMax, 470 pF, 5%, 100 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 2.54mm
C0402C471J5GACAUTO SMD Auto C0G, Ceramic, 470 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
CKR05BX471KR Ceramic, Military/High Reliability, MIL-39014, 470 pF, 10%, 200 V, BX, R (0.01%/1000 Hrs), Lead Spacing = 5.08mm

Pasternack Enterprises,...
PE51149 Whip Antenna Operates From 450 MHz to 470 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated

Kemet Corporation
C0402S471K3RACTU SMD Comm X7R FE, Ceramic, Floating Electrode, 470 pF, 10%, 25 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Temperature Stable, 0402
C274AC35250AA0J Film, Film/Foil Polypropylene, Motor Run, C274, 25 uF, 5%, 470 V
T530D477M004ATE006 Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 3.1mm
C0603C471J5GACAUTO Ceramic, AUTO-(CxxxxC-AUTO), 470 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C1206C471KCGACTU Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 470 pF, +/-10% Tol, 500 V, C0G, 1206 (3216 metric)
C0402C471K1HACAUTO SMD Auto X8R HT150C, Ceramic, 470 pF, 10%, 100 VDC, X8R, SMD, MLCC, High Temperature, Ultra-Stable, Automotive Grade, 0402
C1206X471J5GACTU SMD Comm C0G Flex, Ceramic, 470 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 1206
C276CCF5400LG0J Film, Film/Foil Polypropylene, Motor Run, C276, 40 uF, 5%, 470 V
T520C477M2R5ATE025 Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 2.5 V, 6032, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.8mm
C1206C471KGRACTU Ceramic, Commercial-(CxxxxC), 470 pF, 10%, 2,000 V, 1206, X7R, SMD, MLCC, High Voltage, Temperature Stable

Motorola, Inc
MHW2723 UHF POWER AMPLIFIER 5.0W, 380 TO 470 MHZ

Kemet Corporation
C0805X471J1GACAUTO SMD Auto C0G Flex, Ceramic, 470 pF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 0805
C276CC35250AA1J Film, Film/Foil Polypropylene, Motor Run, C276, 25 uF, 5%, 470 V
C0805C471KARACTU SMD Comm X7R Tip-Ring, Ceramic, 470 pF, 10%, 250 V, X7R, SMD, MLCC, Temperature Stable, SnPb Termination, 0805
C1206C471J5GACTU Ceramic, Commercial-(CxxxxC), 470 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
ERP610W471MEF0 Ceramic, Safety, ERP610, 470 pF, 20%, Y5U, Lead Spacing = 12.5mm

  1 2 3 4 5 6 7 8 9 10