Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



400 Fiches techniques, Datasheet

Description trouvée : '400' - Totale: 1447 (1/73) Pages
FabricantNo de pièceVoirDescription

Tyco Electronics
DS-113 Two-Way Power Divider, 400 KHz - 400 MHz

DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts

Solid States Devices, I...
SDR8400S4 400 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER

M/A-COM Technology Solu...
DSS-113 Two-Way Power Divider, 400 KHz - 400 MHz

Micro Commercial Compon...
P4KE68 400 Watt Transient Voltage Suppressors 6.8 to 400 Volts

Schurter Inc.
SHT6.3X32 Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A

Pasternack Enterprises,...
PE2CP1038 90 Degree Drop-In Hybrid Coupler From 400 MHz to 1,000 MHz Rated to 400 Watts
PE8726 5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 400 MHz With a 400 MHz Passband

Kemet Corporation
C931U101JVSDAA7317 Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)

M/A-COM Technology Solu...
DS-332 Two-Way Power Divider, 400 KHz - 400 MHz

Kemet Corporation
C44AFGP6100ZG0J Film, Metallized Polypropylene, Power, C44A, 100 uF, 5%, 400 V, 250 V

Vishay Siliconix
GA400TD60S Dual INT-A-PAK Low Profile "Half-Bridge" (Standard Speed IGBT), 400 A

California Eastern Labs
PS7241-1B 4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET

Micro Commercial Compon...
MCR100F-6 0.8 Ampere Silicon Controlled Rectifiers 400 thru 600 Volts

STMicroelectronics
SM4T18CAY Automotive 400 W Transil

M/A-COM Technology Solu...
A411 Cascadable Amplifier 10 to 400 MHz

Motorola, Inc
MTD2N40E TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM

Schurter Inc.
8020.5068.PT Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A

Micro Commercial Compon...
P4KE6.8A_11 400 Watt Transient Voltage Suppressors 6.8 to 550 Volts

ON Semiconductor
MURH840CT ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS