Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



4.75MM Fiches techniques, Datasheet

Description trouvée : '4.75MM' - Totale: 260 (1/13) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0746951006 2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Open Module, 40Circuits, Pin Length 4.75mm (.187")
0197054101 PCB Tab Quick Disconnect, Male, for Wire, Box, Tab 4.75mm (.187") x 0.81mm (.032")
0190030108 InsulKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35), Continuous MoldedStrip, Tab 4.75mm (.187") x 0.81mm
0190010008 Avikrimp Quick Disconnect, Male, for 14-16 (2.00-1.30), Box, Tab 4.75mm (.187") x 0.51mm (.020")
0190030140 InsulKrimp™ Quick Disconnect, Female, Continuous Molded Strip, Tab 4.75mm (.187")x 0.51mm (.020")
0190240008 VibraKrimp™ Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190070017 Flag InsulKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 4.75mm (.187") x 0.81mm (.032")
0190070020 Flag InsulKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Metal Strip,Tab 4.75mm (.187") x 0.81mm (.0
0757571462 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 12 Circuits, 1.5μm (60μ) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 4.75mm (.187) PC Tail Length
0757571382 3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 16 Circuits, 0.75μm(30μ") Select Gold (Au) Plating, 11.20mm (.441") Mating Pin Length, 4.75mm (.187")
0740582541 2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row, Pin End Version, 150 Circuits, Pin Length 4.75mm (.187")
0357182110 4.75mm (.187") Tab Safe Lock Terminal, Quick Disconnect, Female, 0.81mm (.032") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm²), Pre-Tin Plated
0740591011 2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-RowGuide Pin Signal Module, Shield End Version, 60 Circuits, Pin Length 4.75mm (.187")
0357180810 4.75mm (.187") Tab Slip-On Receptacle Terminal, Quick Disconnect, Female, 1.00mm (.039") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm²), Post-Tin Plated
0357030260 4.75mm (.187") Tab Slip-On Terminal, Female, 16-20 AWG, for 0.51mm (.020") Tab Thickness, Lead-free, Post-Tin (Sn) Plating
0740592521 2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row,Guide Pin Signal Module, Shield End Version, 150 Circuits, Pin Length 4.75mm (.187")
0190180011 VibraKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
0190030131 InsulKrimp™ Quick Disconnect, Female, Continuous Molded Strip, Tab 4.75mm (.187")x 0.81mm (.032")
0740628501 2.00mm Pitch VHDM Single-Ended Board-to-Board Backplane Header, Vertical, 8 Rows, Guide Pin Signal Module, Shield End Version, Lead-Free, 200 Circuits, 25 Columns, Pin Length 4.75mm
0761348501 2.00mm (.079) Pitch VHDM® H Board-to-Board Backplane Header, Vertical, 8-Row, Signal Module, Open End Version, 200 Circuits, Pin Length 4.75mm (.187), Lead Free