Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

4.5 Fiches techniques, Datasheet

Description trouvée : '4.5' - Totale: 376 (1/19) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
REL-MR4DC Pluggable miniature relay, with multi-layer contact, 1 PDT, input voltage 4.5 V DC

FCI connector
55510-106TRLF 4.5 TOP ENTRY SMT ASSY

Mini-Circuits
SWM_A-2-50DR High Isolation Switches SPDT, DC to 4.5 GHz

RAF ELECTRONIC HARDWARE
M1255-3005-AL 4.5 MM HEX FEMALE STANDOFFS

Hittite Microwave Corpo...
HMC223MS8 GaAs MMIC T/R SWITCH 4.5 - 6.0 GHz
HMC218MS8 GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz

RAF ELECTRONIC HARDWARE
M1254-2545-AL 4.5 MM HEX FEMALE STANDOFFS

STMicroelectronics
STP5NK65ZFP N-channel 650 V, 1.5 ohm, 4.5 A TO-220FP

Hittite Microwave Corpo...
HMC175MS8_06 GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz

RAF ELECTRONIC HARDWARE
M2110-2545-AL 4.5 MM HEX MALE-FEMALE STANDOFFS
M1252-2545-AL 4.5 MM HEX FEMALE STANDOFFS
M2102-3005-AL 4.5 MM HEX MALE-FEMALE STANDOFFS

LUMEX INC.
OED-ST-1556SN 4.5(L)*5.7(W)*2.25(H)mm, T-1.5mm RIGHT ANGLE DOME LENS, PHOTO TRANSISTOR, WATER CLEAR LENS.

Lineage Power Corporati...
APTS006A0X-SRZ 4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current

RAF ELECTRONIC HARDWARE
M2120-3005-SS 4.5 MM HEX MALE-FEMALE STANDOFFS
M1007-2545-SS 4.5 MM ROUND FEMALE STANDOFFS

Bel Fuse Inc.
SLIN-20E1AX NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.69 Vdc - 5.5 Vdc /20 A Outputs

RAF ELECTRONIC HARDWARE
M2115-3005-SS 4.5 MM HEX MALE-FEMALE STANDOFFS

Maxim Integrated Produc...
MAXM17761 4.5 to 76V,1A High-Efficiency DC-DC Step-Down Power Module with Integrated Inductor

Fairchild Semiconductor
FDS86252 N-Channel Power Trench® MOSFET 150 V, 4.5 A, 55 mΩ

  1 2 3 4 5 6 7 8 9 10