Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



4.20MM Fiches techniques, Datasheet

Description trouvée : '4.20MM' - Totale: 1770 (1/89) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
Molex Electronics Ltd.
15-06-0180 Datasheet pdf image Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, Mini-Fit® BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears,
0039299024 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Selective Plating, with Drain Holes
0444750611 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit, HCS™ Receptacle Header, Dual Row, Vertical, Blind Mating, with Snap-in Plastic Pegs, 6 Circuits
0050304442 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr.™
64326-1010 Datasheet pdf image 2.50 mm, 4.20mm and 8.40mm, Power CMC Receptacles, 22 Circuits, Right Wire
0050361769 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Right Angle, 3 Circuits, PA Polyamide Nylon 6/6, 94V-0, Bright Tin (Sn) over Nickel (Ni) Plating, Glow Wire Compatible
0460112403 Datasheet pdf image Mini-Fit Plus Header, 4.20mm Pitch, Dual Row, Vertical, Blind Mating, 24 Circuits
0039307105 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0462076004_18 Datasheet pdf image 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tray Header, Dual Row, Vertical
0444750421 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit, HCS Receptacle Header, Dual Row, Vertical, Blind Mating, with Snap-in
0039303034 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Single Row, Right Angle, with PCB Mounting Flanges, 3 Circuits, PA Polyamide Nylon 6/6, 94V-0, 0.76μm (30μ") (Au) Plating
30070-0435 Datasheet pdf image 4.20mm Pitch, Mini-Fit® TPA Header, Dual Row, Right Angle, with Snap-in PCB Plastic Peg Lock, 4 Circuits, Tin (Sn) Plating, Natural
0039281223 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 22 Circuits
0039296168_18 Datasheet pdf image Mini-Fit Jr. Vertical Header, 4.20mm Pitch, Dual Row, 16 Circuits, without Snap-in Plastic Peg PCB Lock, Gold, Natural
0353170820 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit® Header, Dual Row, Vertical, 8 Circuits, PA Polyamide(Nylon) 6/6 94V-2, White
0015248152_18 Datasheet pdf image Mini-Fit Jr. BMI PCB Receptacle Header, 4.20mm Pitch, Dual Row, Vertical, 10 Circuits
0643261002 Datasheet pdf image 2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsLeft Wire Output, Brown Coding with Rear Seal Cove
0039000157 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit™ Crimp Terminal, Female, Phosphor Bronze, Gold (Au), 16 AWG, Reel
49625-0582 Datasheet pdf image 4.20mm Wire-to-Wire Upper TPA for Male Housing, 5 Circuits
0039012040 Datasheet pdf image 4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-2, 4 Circuits