Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



32K Fiches techniques, Datasheet

Description trouvée : '32K' - Totale: 590 (1/30) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
WS57C71C-1 MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM

Cypress Semiconductor
CY7C1020D_11 512K (32K x 16) Static RAM Automatic power-down when deselected

Austin Semiconductor
AS8E32K32 32K x 32 EEPROM

Alliance Semiconductor ...
AS7C256A 5V 32K X 8 CMOS SRAM (Common I/O)

Mosel Vitelic, Corp
V62C518256 32K X 8 STATIC RAM

Cypress Semiconductor
CY7C199CN_09 256K (32K x 8) Static RAM

Honeywell Solid State E...
HLX6256 32K x 8 STATIC RAM Low Power SOI

Integrated Device Techn...
IDT71V432 32K x 32 CacheRAM 3.3V Synchronous SRAM Burst Counter Single Cycle Deselect

Cypress Semiconductor
CY15B256J 256-Kbit (32K × 8) Automotive Serial (I2C) F-RAM
STK17T88 32K x 8 AutoStore nvSRAM with Real Time Clock

List of Unclassifed Man...
P4C1256 HIGH SPEED 32K x 8 STATIC CMOS RAM

Cypress Semiconductor
CY62256 256K (32K x 8) Static RAM

Integrated Device Techn...
IDT70V27S_12 HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM

ATMEL Corporation
AT89C51RC_08 8-bit Microcontroller with 32K Bytes Flash
AT28HC256N 256 (32K x 8) High-speed Parallel EEPROM

Microchip Technology
24C32A 32K 5.0V I 2 C O Serial EEPROM

Renesas Technology Corp
R1EX25032ASA00I_15 Serial Peripheral Interface 32k EEPROM (4-kword × 8-bit) 64k EEPROM (8-kword × 8-bit)

Brilliance Semiconducto...
BS62LV256_06 Very Low Power CMOS SRAM 32K X 8 bit

Renesas Technology Corp
HN58X2408FPIAG Two-wire serial interface 8k EEPROM (1-kword × 8-bit)/16k EEPROM (2-kword × 8-bit) 32k EEPROM (4-kword × 8-bit)/64k EEPROM (8-kword × 8-bit)

Hynix Semiconductor
GM76V256C 32K x8 bit 3.3V Low Power CMOS slow SRAM