Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



32K 64K 128K Fiches techniques, Datasheet

Description trouvée : '32K 64K 128K ' - Totale: 1942 (1/98) Pages
FabricantNo de pièceVoirDescription

Integrated Silicon Solu...
IS61NLP6432A 64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM

Hitachi Semiconductor
HN58X2402-SR Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM

ATMEL Corporation
AT24C32A_08 Two-wire Automotive Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)

Micron Technology
MT58L128L18F 2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM

Integrated Device Techn...
IDT7M1001 128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE

ATMEL Corporation
AT24C32A 2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
ATMEGA640_12 8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
AT24C32C_08 2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)

Cypress Semiconductor
CYM9260 64K(128K, 256K, 512K) x 72 SRAM Module

ATMEL Corporation
AT25320B SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)

Microchip Technology
37LV36_04 36K, 64K, and 128K Serial EPROM Family

Renesas Technology Corp
R1EX25032ASA00A_15 Serial Peripheral Interface 32k EEPROM (4-kword × 8-bit) 64k EEPROM (8-kword × 8-bit) Electrically Erasable and Programmable Read Only Memory

Microchip Technology
37LV36 36K, 64K, and 128K Serial EPROM Family

Renesas Technology Corp
R1EX25032ASA00G Serial Peripheral Interface 32k EEPROM 64k EEPROM

ATMEL Corporation
AT24C32A_07 Two-wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)

Renesas Technology Corp
R1EX25032ASA00I_15 Serial Peripheral Interface 32k EEPROM (4-kword × 8-bit) 64k EEPROM (8-kword × 8-bit)

Hitachi Semiconductor
HN58X2402 Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)

Integrated Silicon Solu...
IS61NF25618-8.5TQ 128K x 32, 128K x 36 and 256K x 18 FLOW-THROUGH NO WAIT STATE BUS SRAM
IS61SF12832 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
IS61NLP12832B 128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM