Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



30A Fiches techniques, Datasheet

Description trouvée : '30A' - Totale: 608 (1/31) Pages
FabricantNo de pièceVoirDescription

Texas Instruments
LMZ31530_15 30A SIMPLE SWITCHER® Power Module with 3.0V-14.5V Input in QFN Package

Fuji Electric
FGW30N120HD Discrete IGBT (High-Speed V series) 1200V / 30A

Intersil Corporation
RURG3020 30A, 200V Ultrafast Diode

Texas Instruments
LMZ31530 30A SIMPLE SWITCHER® Power Module with 3.0V-14.5V Input in QFN Package

Renesas Technology Corp
RJK6018DPM_12 600V - 30A - MOS FET High Speed Power Switching

Fairchild Semiconductor
RFP30N06LE 30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs

Rohm
RGCL60TS60 600V 30A Field Stop Trench IGBT

Digitron Semiconductors
MR4422CTR 30A SCHOTTKY RECTIFIER

DB Lectro Inc
NVF4-5 Contact load capacity up to 30A

Chip Integration Techno...
CSF30L50CT-A 30A Low Barrier Diode

List of Unclassifed Man...
FN2060-16-06 1A - 30A

DB Lectro Inc
NVFS_05 Small size and light weight. Heavy contact load (30A).

Infineon Technologies A...
IR38163 Single-input Voltage, 15A & 30A Buck Regulators with SVID

Renesas Technology Corp
RJK0855DPB_15 80V, 30A, 11 m max. Silicon N Channel Power MOS FET Power Switching

Won-Top Electronics
U30D05C 30A GLASS PASSIVATED DUAL SUPEFAST RECTIFIER

International Rectifier
IRDCIP1206-A IRDCiP1206-A: 300 kHz, 30A, Synchronous Buck Converter using iP1206

Diodes Incorporated
SBR30100_15 30A SBR® SUPER BARRIER RECTIFIER

STMicroelectronics
STK850_07 N-channel 30V - 0.0024Ω - 30A - PolarPAK® STripFET™ Power MOSFET
STB30NS15 N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET

Lineage Power Corporati...
ATH030A0X3-SR 4.5 - 5.5Vdc input; 0.8 to 3.63Vdc Output; 30A output current, 6.0 - 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 20/30A output