Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

300KHZ Fiches techniques, Datasheet

Description trouvée : '300KHZ' - Totale: 71 (1/4) Page
FabricantNo de pièceVoirDescription

Micrel Semiconductor
MIC2174 300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller

Global Mixed-mode Techn...
G5503 300KHz, 3A Buck Converter

CRYSTEK CORPORATION
CBLK-300-3 SMA DC Block 300KHz to 3GHz

Sipex Corporation
SP7655_07 Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator

EM Microelectronic - MA...
EM6605 Low Power Microcontroller with 300kHz RC Oscillator

Nippon Precision Circui...
SM3471AB Input frequency - 300kHz - max

Intersil Corporation
ISL6443 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller

Sipex Corporation
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP6132 Wide Input, 300KHz Synchronous PWM Controller

Delta Electronics, Inc.
DNM10SMD10 Fixed frequency operation (300KHz)

List of Unclassifed Man...
XL4003 4A 300KHz 32V Buck DC to DC Converter

Touchstone Semiconducto...
TS3006DB A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer

STMicroelectronics
ST735S 300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR

Touchstone Semiconducto...
TS3003 A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer

Diodes Incorporated
AP1530_09 18V 3A 300KHz BUCK CONVERTER

Microsemi Corporation
NX2124 300kHz SYNCHRONOUS PWM CONTROLLER

Anachip Corp
AP1503 300Khz, 2.5A PWM Buck DC/DC Converter

Burr-Brown (TI)
OPT210 MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW

Sharp Electrionic Compo...
PQ1CZ38M2Z Chopper Regulator built-in 300kHz oscillation circuit

Diodes Incorporated
AP1539 18V 4A 300KHz BUCK CONVERTER

  1 2 3 4