Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

300KHZ Fiches techniques, Datasheet

Description trouvée : '300KHZ' - Totale: 71 (1/4) Page
FabricantNo de pièceVoirDescription

Micrel Semiconductor
MIC2174 300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller

Sharp Electrionic Compo...
PQ1CZ41H2ZXH TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit

Monolithic Power System...
EV2905-K-01A 1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board

Maxim Integrated Produc...
MAX17501H 300kHz Switching Frequency

Exar Corporation
SP7662_12 12A 300KHz Synchronous Step Down Regulator

Global Mixed-mode Techn...
G5001 300kHz DC-DC Step-Down PWM Controller

Sipex Corporation
SP7650_06 Wide Input Voltage Range 3A, 300kHz, Buck Regulator

Anachip Corp
AP1519 300KHz, 2A PWM Buck DC/DC Converter

Maxim Integrated Produc...
MAX40006 Micropower, Rail-to-Rail, 300kHz Op Amp with Shutdown in a Tiny, 6-Bump WLP

Intersil Corporation
ISL6440 300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller

CRYSTEK CORPORATION
CBLK-300-3 SMA DC Block 300KHz to 3GHz

Maxim Integrated Produc...
MAX151 300kHz 10-Bit A/D Converter with Refrence and T/H

Nippon Precision Circui...
SM3471AB Input frequency - 300kHz - max

Touchstone Semiconducto...
TS3003DB A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer

Sipex Corporation
SP7655 Wide Input Voltage Range 8A, 300kHz, Buck Regulator

HTC Korea TAEJIN Techno...
LM1501B 5.0A, 300kHz, Step-down Switching Regulator

Delta Electronics, Inc.
DNM10SMD10 Fixed frequency operation (300KHz)

Microsemi Corporation
NX2114 300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER

STMicroelectronics
ST735S 300kHz, -5V/ADJ INVERTING, NEGATIVE OUTPUT CURRENT-MODE PWM REGULATOR

Sharp Electrionic Compo...
PQ1CG41H2FZ TO-220 Type Chopper Regulator built-in 300kHz oscillation circuit

  1 2 3 4