Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

3000 Fiches techniques, Datasheet

Description trouvée : '3000' - Totale: 426 (1/22) Page
FabricantNo de pièceVoirDescription

Mini-Circuits
NHP-200 High Pass Filter 50Ω 185 to 3000 MHz

Goodwork Semiconductor ...
3KP 3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS

Mini-Circuits
UNMP-5075 Coaxial Matching Pad TYPE-N 50/75Ω DC to 3000 MHz

Micronetics, Inc.
NMA2415-A1T Legacy 30 MHz to 3000 MHz

Kemet Corporation
C0603C302J5GACTU Ceramic, Commercial-(CxxxxC), 3000 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I

Mini-Circuits
NHP-700 High Pass Filter 50Ω 700 to 3000 MHz

Ralston Instruments.
XREG-3KPSIG_16 Outlet pressures up to 3000 psi (210 bar)

Voltage Multipliers Inc...
1102C 200 V - 1,000 V Single Phase Bridge 1.4 A - 1.5 A Forward Current 70 ns - 3000 ns Recovery Time

Micronetics, Inc.
NMA2415-A2S Legacy 30 MHz to 3000 MHz

Advanced Semiconductor ...
ASX403_17 400 ~ 3000 MHz MMIC Amplifier

Mini-Circuits
RVA-3000 Voltage Variable Attenuator 50Ω 20 to 3000 MHz

Nanjing International G...
3KP5.0CA 3000 Watt Peak Power

Voltage Multipliers Inc...
1202A 200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time

Peregrine Semiconductor...
PE42671 SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, +68 dBm IIP3
PE64102 UltraCMOS® Digitally Tunable Capacitor (DTC) 100 - 3000 MHz

Broadcom Corporation.
MGA-31289 0.25W High Gain Driver Amplifier 1500 - 3000 MHz

Mini-Circuits
BHP-200 High Pass Filter 50Ω 185 to 3000 MHz

AIMTEC
AM6GH-Z Input / Output Isolation 1500 and 3000 VDC

DB Lectro Inc
3KP GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power

Rectron Semiconductor
3KPSMC GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE

  1 2 3 4 5 6 7 8 9 10