Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

3.8 Fiches techniques, Datasheet

Description trouvée : '3.8' - Totale: 109 (1/6) Page
FabricantNo de pièceVoirDescription

TAI-SAW TECHNOLOGY CO.,...
TC0629A 1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator

Murata Manufacturing Co...
SF2146D 3.8 X 3.8 X 1.0 mm Surface Mount Case

RF Monolithics, Inc
SM3838-8 8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint

EUROQUARTZ limited
90SMX-N 32.768kHz SMD 8.7 x 3.8 x 2.5mm

Hittite Microwave Corpo...
HMC333 GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz

Kemet Corporation
T491A106K010AT Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 3.8 Ohms, Height Max = 1.8mm

List of Unclassifed Man...
STC15F204EA Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)

Kemet Corporation
VA1812K801R030 Varistors, VA, Automotive, 34 V, 30 VAC, 47 V, 50 V, 77 V, 5 Amps, 800 Amps, 3.8 J, 6 J, 15 mW

Hittite Microwave Corpo...
HMC316MS8_08 GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC316MS8_06 GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.8 GHz
HMC308 GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz

Kemet Corporation
CBR02C389B5GAC CBR-SMD RF C0G, Ceramic, High Q, 3.8 pF, +/-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

Hittite Microwave Corpo...
HMC333_06 GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz

STMicroelectronics
STF4N62K3 N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET

Hittite Microwave Corpo...
HMC308_09 GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308_08 GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz

Honeywell Accelerometer...
SR16C-J6 SR16 Series Cost Effective Digital Vane Sensor; Hall-effect technology;twin tower configuration; sinking output; 3.8 to 30 Vdc supply voltage

Hittite Microwave Corpo...
HMC306MS10 0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz

Frontier Electronics.
AT2450D4015AT Surface mount ceramic antenna with a small size of 9.9 X 3.7 X 3.8 mm.

Pasternack Enterprises,...
PE51125 High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi

  1 2 3 4 5 6