Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



3.5 Fiches techniques, Datasheet

Description trouvée : '3.5' - Totale: 608 (1/31) Pages
FabricantNo de pièceVoirDescription

AVAGO TECHNOLOGIES LIMI...
ABA-53563 3.5 GHz Broadband Silicon RFIC Amplifier 3.5 dB noise figure

STANLEY ELECTRIC CO.,LT...
SW1305A 3.5 x 3.5 mm (h=1.6 mm) Type White LED

National Semiconductor ...
MKT-SLD20A THIN CSP, PLASTIC, LAMINATED, 3.5 X 3.5 X 0.8mm BODY, 20L, 0.5mm PITCH

STANLEY ELECTRIC CO.,LT...
KW1305A 3.5 x 3.5 mm (h=1.6 mm) Type White LED

Tensility International...
CA-354S-MM Cable, 4 conductor, 3.5 mm plug to 3.5 mm, no ring, 6 feet, shielded, 26 AWG

PHOENIX CONTACT
SZ-SORTI-1 Screwdriver range, consisting of the small screwdrivers: SZS 0,4 x 2.5, SZS 0.6 x 2.5, SZS 0.6 x 3.5, SZG 0.6 x 3.5

MTRONPTI
PR1DD 3.5 x 6.0 x 1.0 mm Surface Mount Crystals

Pasternack Enterprises,...
PE6110_16 C Female Non-Shorting Dust Cap With 3.5 Inch Chain

PANDUIT CORP.
WCM35ICIW 3.5 INCH COVE MOLDING INSIDE CORNER FITTING (WCM35IC) CUSTOMER DRAWING

Bolymin, Inc
BT035ABCBHB 3.5 Color TFT-LCD video module

Schurter Inc.
4832.2220_17 4832, PCB terminals, screened, 2-pole, Audio Plug/Sockets, 3.5 mm

Tripp Lite. All Rights ...
P315-06N 3.5 mm Mini Stereo to 2 RCA Audio Y Splitter Adapter Cable (M/F), 6 in.

Tensility International...
CA-2214 Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord

Tripp Lite. All Rights ...
P937-000 40-Pin Male IDE to 2.5 in., 3.5 in. and 5.25 in. SATA Adapter

Cree, Inc
CMPA2735075F 75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier

Johanson Technology Inc...
3500FB39A0050 3.5 GHz (ETSI Band) Balun/Filter Combination

Motorola, Inc
MTP2N40E TMOS POWER FET 2.0 AMPERES 400 VOLTS RDS(on) = 3.5 OHM

CUI INC
SJ-3598 3.5 MM AUDIO JACK

Hittite Microwave Corpo...
HMC392_09 GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz

PEAK electronics GmbH
P10TG-1205Z21H35M 3.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24