Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

3-PHASE Fiches techniques, Datasheet

Description trouvée : '3-PHASE' - Totale: 47 (1/3) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
STEVAL-IHM021V2 100 W, 3-phase inverter based on the L6390 and UltraFASTmesh™ MOSFET for speed FOC of 3-phase PMSM motor drives
STEVAL-IHM035V1 3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™-nano)
EVAL6235Q 3-phase BLDC motor driver mounting the L6235Q
STEVAL-ISA019V3 80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
STGIB15CH60TS-E 3-phase inverters for motor drives
STGIPL30C60-H 3-phase inverters for motor drives
STGIPN3H60-H 3-phase inverters for motor drives
STGIPS10C60 3-phase inverters for motor drives
STGIPS30C60 SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIF5CH60TS-L 3-phase inverters for motor drives
STGIPS10C60-H 3-phase inverters for motor drives
STGIF10CH60TS-L 3-phase inverters for motor drives
STEVAL-IPB001V1 2 W, 3-phase SMPS for breaker applications based on the STC04IE170HP ESBT
STEVAL-IPE008V1 Energy meter (3-phase) demonstration board based on the STPM01 and STR715FR0
STEVAL-IEM003V1 Low voltage 3-phase power stage for electric traction with MC connector
AN2009 PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
ST92141 8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
STEVAL-IHM023V2 1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
L6235PD013TR DMOS driver for 3-phase brushless DC motor
STGIPS10K60T SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT

  1 2 3