Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2GHZ Fiches techniques, Datasheet

Description trouvée : '2GHZ' - Totale: 52 (1/3) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE7107 SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHZ SWITCH TYPE:SPST

Micrel Semiconductor
SY89872U_0708 2.5V, 2GHz ANY DIFF. IN-TO-LVDS

Elantec Semiconductor
EL2075C 2GHz GBWP Gain-of-10 Stable Operational Amplifier

Siemens Semiconductor G...
BFR92W NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA)

Micrel Semiconductor
SY100EP14AU 2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX

Siemens Semiconductor G...
BFT92 PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFR35AP NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)

Linear Technology
LTC6401-14 2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC5549 2GHz to 14GHz Passive Bidirectional Mixer

Siemens Semiconductor G...
BFR193 NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)

Linear Technology
LTC5548 2GHz to 14GHz Microwave Mixer with Low IF Frequency
LTC6401-14_15 2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz

Siemens Semiconductor G...
BFR14B NPN SILICON MICROWAVE TRANSISTOR UP TO 2GHz

Micrel Semiconductor
SY89872U 2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION

Panasonic Semiconductor
ARN10A4H 8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS

Tyco Electronics
SW-415-PIN Matched GaAs SP4T Switch, DC - 2GHz

Micrel Semiconductor
SY89835U 2.5V, 2GHz (3.2 Gbps) Ultra-Precision, Differential 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input

Pasternack Enterprises,...
PE7133 SMA FEMALE, TRANSFER SWITCH FREQUENCY RANGE: 1GHz TO 2GHz

Intersil Corporation
EL2075 2GHz GBWP Gain-of-10 Stable Operational Amplifier

Siemens Semiconductor G...
BFQ73S NPN SILICON RF TRANSISTOR (FOR LOW-NOISE, LOW-DISTORTION BROADBAND AMPLIFIERS IN ANTENNA AND TELECOMMUNICATIONS SYSTEMS UP TO 2GHz)

  1 2 3