Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



280 Fiches techniques, Datasheet

Description trouvée : '280' - Totale: 95 (1/5) Pages
FabricantNo de pièceVoirDescription

Total Power Internation...
TPIUU-62 Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC

ON Semiconductor
CS5171_10 1.5 A 280 kHz/560 kHz Boost Regulators

Infineon Technologies A...
PTFB082817FH Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz

Murata Manufacturing Co...
SF2172C 280 MHz SAW Filter

KR Electronics, Inc.
2837 280 MHz surface mount bandpass filter

Spectrum Microwave, Inc...
SF0280BA01984S 280 MHz SAW bandpass filter with 17 MHz of useable bandwidth in 5 x 5 mm LCC.

TriQuint Semiconductor
855975 280 MHz SAW Filter

Willow Technologies Ltd
DG91 micro 280 automotive relay

Molex Electronics Ltd.
0877153916 1.00mm (.039") Pitch, PCI Express* Connector, 280 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76μm (30μ") Gold (Au) Plating, with Plastic Pegs,

ORION FANS
OA280-METAL AC Fan - 115V, 230V 280 x 80mm (11.0” x 3.15”)

TAI-SAW TECHNOLOGY CO.,...
TA280E1 SAW Filter 280, 281, 284 MHz For Pager

Teledyne Technologies I...
SQ24D25 Quad Output 25A 280 Vac DC control

Cree, Inc
PTRA082808NF Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790820 MHz

Powerex Power Semicondu...
QRF1240R30 Super Fast Recovery Diode Modules 280 Amperes/1200 Volts

Total Power Internation...
TPIUU-61 Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC

Littelfuse
03540535Z 2-Position 280 Micro Relay + 2 Position MINI® Style Fuse

Infineon Technologies A...
SIGC144T170R2C_09 IGBT Chip in NPT-technology 1700V NPT technology 280 μm chip

StarHope
10KPA GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts

Vishay Siliconix
ST280SPBF Phase Control Thyristors (Stud Version), 280 A

Texas Instruments
AMC1302-Q1 Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of (+,-)50 mV, and High Bandwidth of 280 kHz

1 2 3 4 5 Next


1 2 3 4 5 Next