Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



275 Fiches techniques, Datasheet

Description trouvée : '275' - Totale: 162 (1/9) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
R46KI347040P3M Capacitor, film, 0.47 uF, +/-20% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=15 mm
PZB300MC23R30 Film, Metallized Paper, Safety, PZB300/P300, 0.15 uF, 20%, 275 V, 100C, Lead Spacing = 20mm
R46KF247040P0M Capacitor, film, 0.047 uF, +/-20% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=10 mm
T495X226K035ATE275 Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 275 mOhms, Height Max = 4.3mm

International Rectifier
1N4044 275 Amp Avg Power Silicon Rectifier Diodes

Kemet Corporation
R46KI333050N0K Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 15mm

Vishay Siliconix
WSLT3921 Power Metal Strip® Resistors, High Temperature (275 °C) Low Value (down to 0.001 Ω), Surface Mount

Kemet Corporation
R46KN333040H1M Capacitor, film, 0.33 uF, +/-20% Tol, -40/+125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271M633KR30 Film, Metallized Paper, Safety, PME271M/P276, 0.33 uF, 10%, 630 V, 275 V, 110C, Lead Spacing = 25.4mm

SL Power Electronics
DCT-250 250, 275, 350 WATTS MULTIPLE OUTPUT 24/28 AND 48 VDC INPUT

Kemet Corporation
R46KN410040P0M Capacitor, film, 1 uF, +/-20% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271M622KR30 Film, Metallized Paper, Safety, PME271M/P276, 0.22 uF, 10%, 630 V, 275 V, 110C, Lead Spacing = 20.3mm
R46KI333040H2M Capacitor, film, 0.33 uF, +/-20% Tol, -40/+125C, Safety: X2, 275 VAC, Lead Spacing=15 mm
PME271M447MR30 PME271M/P276, Film, Metallized Paper, Safety, 4700 pF, 20%, 630 VDC, 275 VAC (X2), 110C, Lead Spacing = 10.2mm

Texas Instruments
DAC5672A DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER

Kemet Corporation
R46KF310040P1M_17 Film, Metallized Polypropylene, Safety, R46, 0.1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 10mm

Texas Instruments
DAC5652 DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER

Kemet Corporation
R46KN368000P0K Capacitor, Film, Metallized Polypropylene, 0.68 F, +/-10% Tol, -40/+110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN333000N0K Film, Metallized Polypropylene, Safety, R46, 0.33 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm

Vishay Siliconix
WSLT2512_15 Power Metal Strip® Resistors, High Temperature (275 °C),Low Value (down to 0.01 ), Surface Mount

1 2 3 4 5 6 7 8 9 Next