Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



256 Fiches techniques, Datasheet

Description trouvée : '256' - Totale: 550 (1/28) Pages
FabricantNo de pièceVoirDescription

Integrated Device Techn...
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT728980 TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256

ATMEL Corporation
AT93C66B-SSHM-T 3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A_08 Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)

Integrated Device Techn...
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256

Sames
SA3488 CMOS 256 X 256 DIGITAL SWITCHING MATRIX

STMicroelectronics
M3488 256 x 256 DIGITAL SWITCHING MATRIX

ATMEL Corporation
AT93C56B-SSHM-T 3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)

Siemens Semiconductor G...
HYB314171BJ-50- 3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314175BJ-50- 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh

Integrated Device Techn...
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256

Siemens Semiconductor G...
HYB514256B 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM

SHANGHAI BELLING CO., L...
BL93C56 2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM

Catalyst Semiconductor
CAT5269 Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface

Integrated Device Techn...
IDT72105 CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16

NXP Semiconductors
PCF8570 256 x 8-bit static low-voltage RAM with I2C-bus interface

Microchip Technology
PIC24HJXXXGPX06A_12 16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog

STMicroelectronics
M48T37Y_10 5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER® SRAM

Cypress Semiconductor
CY14B256K_09 256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY7C4205 64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs