Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



254 Fiches techniques, Datasheet

Description trouvée : '254' - Totale: 2354 (1/118) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0797580007_18 Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 150mm, 22 AWG
0797580015_18 Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
0797582024 Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 24 AWG
22-28-6175 KK® 254 Breakaway Header, Right-Angle, 17 Circuits, 0.76μm (30μ") Gold (Au) KK® 254 Breakaway Header, Right-Angle, 17 Circuits, 0.76μm (30μ") Gold (Au)
22-28-5061 KK® 254 Breakaway Header, Vertical, 6 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm , with Kinked PC Tails
0022282218_17 KK 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 21 Circuits
22-28-3215 KK® 254 Breakaway Header, Vertical, with Polarizing Wall, 21 Circuits, 0.76μm Gold (Au) Selective Plating, with Kinked PC Tails
0010112113_17 KK 254 Crimp Housing, High Pressure, 11 Circuit
22-28-2217 KK® 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 21 Circuits, Tin (Sn) Plating, with Backwalls Removed
1718563003 2.54mm Pitch, KK 254 RPC Vertical Header with Friction Lock, Tin (Sn) Plating
22-28-0034 KK® 254 Breakaway Header, Vertical, with Friction Lock, 3 Circuits, 0.38μm Gold (Au) Selective Plating, with Kinked PC Tails
22-28-6293 KK® 254 Breakaway Header, Right-Angle, 29 Circuits, 0.38μm (15μ") Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
1718573009_17 2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
22-28-3325 KK® 254 Breakaway Header, Vertical, with Polarizing Wall, 32 Circuits, 0.76μm Gold (Au) Selective Plating, with Kinked PC Tails
0022013157_17 KK 254 Crimp Housing, Friction Ramp, 15 Circuits
22-28-2326 KK® 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 32 Circuits, 0.76μm Gold (Au) Selective Plating, with Kinked PC Tails
0022027183_17 KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54μm Tin (Sn), 18 Circuits
22-28-1101 KK® 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, 0.38μm Gold (Au) Selective Plating
22-28-8081 KK® 254 Breakaway Header, Right-Angle Surface Mount Compatible, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm
22-05-2151 KK® 254 Wire-to-Board Header, Single Row, Right Angle, 15 Circuits, PA Polyamide Nylon, Tin (Sn) Plating