Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

230V Fiches techniques, Datasheet

Description trouvée : '230V' - Totale: 171 (1/9) Page
FabricantNo de pièceVoirDescription

Tripp Lite. All Rights ...
PDUMH32HVNET 7.4kW Single-Phase Switched PDU, LX Platform Interface, 230V Outlets (16-C13), IEC-309 Blue 230V 32A, 3.6m Cord, 2U Rack-Mount, TAA
PDUMH32HV 7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
OMNIVSX850 850VA 480W Line-Interactive UPS with 6 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
OMNIVSX1000 1kVA 600W Line-Interactive UPS with 8 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
OMNIVSX1500 1.5kVA 900W Line-Interactive UPS with 8 C13 Outlets - AVR, 230V, C14 Inlet, LCD, USB, Tower
PDUH32HV 7.4kW Single-Phase 230V Basic PDU, 10 C13 Outlets, IEC 309 32A Blue Input, 3.6 m Cord, 1U Rack-Mount
OMNIVSINT1000 OmniVS 230V 1000VA 500W Line-Interactive UPS,Tower, USB port, C13 Outlets

PHOENIX CONTACT
1415912 Sensor/Actuator cable - SAC-3P- 1,5-PVC/A-1L-V 230V
1415914 Sensor/Actuator cable - SAC-3P-5,0-PVC/A-1L-V 230V
1452165 Valve connectors - SACC-VB-3CON-M16/A-1L-SV 230V
1452220 Valve connectors - SACC-VB-3CON-M16/B-1L-SV 230V

Tripp Lite. All Rights ...
AVRX550UD AVR Series 550VA Ultra-compact Line-Interactive 230V UPS
PDUMNV32HV2LX 7.4kW Single-Phase Monitored PDU, LX Interface, 230V Outlets (36 C13/6 C19), IEC 309 32A Blue, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
PDUMV32HVNETLX 7.4kW Single-Phase Switched PDU with LX Platform Interface, 230V Output, IEC 309 32A Blue, 10 ft. Cord, 0U, TAA
SUINT2000XLCD SmartOnline 230V 2kVA 1800W On-Line Double-Conversion UPS, Tower, Extended Run, Network Card Options, LCD, USB, DB9
APSINT2012 2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired

rfsolutions.ltd
DS-ELITE-1 Whatever your switching application the ELITE Remote control system with 4 individual 230V outputs and it’s completely waterproof IP68 enclosure will be a great choice.

Shindengen Electric Mfg...
2SK1195 VR Series Power MOSFET(230V 1.5A)

Sanyo Semicon Device
2SA2221 230V / 15A, AF100W Output Applications

eupec GmbH
6PS0300R06KE3-3G 3x 243A AC at 230V AC, forced air (fan not implemented)

  1 2 3 4 5 6 7 8 9