Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2300 Fiches techniques, Datasheet

Description trouvée : '2300' - Totale: 72 (1/4) Page
FabricantNo de pièceVoirDescription

Infineon Technologies A...
PXAC241702FC Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 23002400 MHz

Coto Technology
2333-12-000 2300 SERIES MULTI-POLE REED RELAYS

Pasternack Enterprises,...
PE51090 2300 - 2700 MHz Rubber Duck, 4.5dBi, Reverse Polarity SMA Male
PE51062 Mini Vertical Antenna 2300 MHz, 3 dBi

Infineon Technologies A...
PTFB241402F High Power RF LDMOS Field Effect Transistor 140 W, 23002400 MHz

Mini-Circuits
ZB4PD-232-50W High Power Combiner 4 Way-0 50Ω 600 to 2300 MHz

Tyco Electronics
MA4EXP240L-1277 Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz

Kemet Corporation
C44PXGR5680RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 68 uF, 10%, 1000 VAC, 2300 VDC

Tyco Electronics
A36-1_1 Cascadable Amplifier 100 to 2300 MHz

Kemet Corporation
C44PXGR5200RCSK C44P-R, Film, Metallized Polypropylene, AC Filter, 20 uF, 10%, 1000 VAC, 2300 VDC

Cree, Inc
PXAC241002FC Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 23002400 MHz

Kemet Corporation
SSHB10H-17023 KEMET, SSHB10H, Commercial Grade, 2300 uH

M/A-COM Technology Solu...
MA4EX190H-1225T Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz

Skyworks Solutions Inc.
SKY66292-11 2300 to 2400 MHz High-Efficiency 4 W Power Amplifier

SIRENZA MICRODEVICES
SRM-2016 1700 - 2300 MHz High Linearity Active Receive Mixer

Teledyne Technologies I...
UTOUTC2303 Thin-Film Cascadable Amplifier 1700 to 2300 MHz

GHz Technology
2324-12L 12 Watts - 20 Volts, Class C Microwave 2300 - 2400 MHz
2223-17 1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz

Mini-Circuits
ZRL-2300 Low Noise Amplifier 50Ω 1400 to 2300 MHz

Cree, Inc
PXAC243502FV High Power RF LDMOS Field Effect Transistor 350 W, 28 V, 23002400 MHz

  1 2 3 4