Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

220 Fiches techniques, Datasheet

Description trouvée : '220' - Totale: 507 (1/26) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
RG160NU DC centrifugal fans Series RG 160 NU 220 x 220 x 56 mm

Kemet Corporation
T520V227M006ATE025 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.9mm
T491D227K006AT Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
T530D227M006ATE006 Tantalum, Polymer Tantalum, Multi-Anode, T530, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 3.1mm
T525D227M004ATE025 Tantalum, Polymer Tantalum, T525, 220 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm
T520D227M004ATE065 T520, Tantalum, Polymer Tantalum, 220 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 65 mOhms, 7343, Height Max = 3.1mm
C1210C221JGGACAUTO SMD Auto C0G HV, Ceramic, 220 pF, 5%, 2,000 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 1210
ELG227M200AR7AA Aluminum Electrolytic, 105C, ELG, 220 uF, 20%, 200 V, -25/+105C
T520B227M2R5ATE035 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 2.1mm
C1808C221JZGACTU Ceramic, Commercial-(CxxxxC), 220 pF, 5%, 2,500 V, 1808, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603X221J1GACTU SMD Comm C0G Flex, Ceramic, 220 pF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
C0603S221K5RACAUTO SMD Auto X7R FE, Ceramic, Floating Electrode, 220 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0603
C0402C221J5RACTU SMD Comm X7R, Ceramic, 220 pF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0402
T591B227M006ATE070 T591, Tantalum, Polymer Tantalum, 220 uF, 20%, 6.3 VDC, SMD, Polymer, Molded, Low ESR, 70 mOhms, 3528, Height Max = 2.1mm
C1206X221J5GACAUTO SMD Auto C0G Flex, Ceramic, 220 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 1206
C0805C221M5RACAUTO SMD Auto X7R, Ceramic, 220 pF, 20%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0805

Cree, Inc
PXFC192207FH Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 - 1990 MHz

Kemet Corporation
C0805C221K2RACAUTO Ceramic, AUTO-(CxxxxC-AUTO), 220 pF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
T491D227M010AT Capacitor, Tantalum, SMD, MnO2, Molded, 220 uF, 7343, +/-20% Tol, 10 VDC (85C)
C0805C221KCRACTU Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 220 pF, +/-10% Tol, 500 V, X7R, 0805 (2012 metric)

  1 2 3 4 5 6 7 8 9 10