Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

200MA Fiches techniques, Datasheet

Description trouvée : '200MA' - Totale: 322 (1/17) Page
FabricantNo de pièceVoirDescription

Linear Technology
LTC3544 Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA

TAITRON Components Inco...
TSCD022WS 200mA Low Profile Chip Schottky Rectifier

Formosa MS
BAT54WS_11 200mA Surface Mount Small Signal Schottky Diodes-30V

SUNMATE electronic Co.,...
BAS85 200mA Surface Mount Schottky Barrier Diode

Asahi Kasei Microsystem...
AP1150ADS50 14V Input / 200mA Output LDO Regulator

List of Unclassifed Man...
RT9168 200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR

Taiwan Semiconductor Co...
TS5201_1 200mA Low Noise LDO Voltage Regulator with Enable

Linear Technology
LT3092 200mA 2-Terminal Programmable Current Source

Micrel Semiconductor
MIC5388 Dual 200mA Peak LDO in Wafer Level Chip Scale Package

Torex Semiconductor
XC6901 200mA Negative Voltage Regulator with ON/OFF Control

Semtech Corporation
SC1531 200mA & 250mA SmartLDOs

Linear Technology
LTC3522 Synchronous 400mA Buck-Boost and 200mA Buck Converters

New Jersey Semi-Conduct...
1N483A SI RECTIFIER, 100MA < I(O)/I(F) S 200MA

Monolithic Power System...
MP20142 Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge

Exar Corporation
SP6660 200mA Charge Pump Inverter or Doubler

Torex Semiconductor
XBS023P11R-G Schottky Barrier Diode, 200mA, 30V Type

Texas Instruments
TPS79901 200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX_05 200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator

ams AG
AS1337_1 200mA, DC-DC Step-Up Converter with Buck Mode

  1 2 3 4 5 6 7 8 9 10