Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

200 Fiches techniques, Datasheet

Description trouvée : '200' - Totale: 2711 (1/136) Page
FabricantNo de pièceVoirDescription

ON Semiconductor
CAT8801 200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current

Rectron Semiconductor
BAV21W SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere

Cree, Inc
C460UT2200-S0550 Small Chip 200 x 200 x 50

Motorola, Inc
MJL3281A 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS

ON Semiconductor
2N7000_07 Small Signal MOSFET 200 mAmps, 60 Volts N−Channel TO−92 200 mAMPS 60 VOLTS

M/A-COM Technology Solu...
MDS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

Tyco Electronics
DS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

List of Unclassifed Man...
79696035 Thermocouple / Pt100 Pt100 probe Class B max : 200 °C Pt100 probe Class B with sheath - St. steel 316 L Ø 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly

Tyco Electronics
M222 Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz

Analog Devices
AD9856 CMOS 200 MHz Quadrature Digital Upconverter
ADL5304 High Speed, 200 dB Range

Jiangsu Yutai Electroni...
AB24S 4 0 to 200 Volts Current - 2.0 Ampere

Solid States Devices, I...
SDR520CT 12A 28nsec 100 to 200 V Hyper Fast Center tap Rectifier
Z00008G 1.5 WATT 3.3200 VOLTS ZENER DIODES

PHOENIX CONTACT
2200904 Panel mounting base, Lower part, Color: aluminum, Width: 200 mm

Molex Electronics Ltd.
0740612513 2.00mm Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Pin End Version, 200 Circuits, Pin Length 4.25mm

ON Semiconductor
NB3N511_13 3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier

Micro Commercial Compon...
1EZ110D5 1.0 W Silicon Zener Diodes 100 to 200 Volts

Gaomi Xinghe Electronic...
SR560 Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes

Pasternack Enterprises,...
PE2CP1068 Low PIM Directional 15 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts

  1 2 3 4 5 6 7 8 9 10