Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2.79MM Fiches techniques, Datasheet

Description trouvée : '2.79MM' - Totale: 127 (1/7) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0015922530 1.27mm (.050) Pitch EBBI™ 50D Plug, Vertical, without Latch, 130 Circuits, 2.79mm (.110) PC Tail Length
0359570610 2.79mm Width Tab Receptacle Housing, 6 Circuits
0743207000 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Vertical,Gold (Au) Flash, 2.79mm(.110") PC Tail Length, 4-40 Thread, 24 Circuits, with Pegs
0716617130 1.27mm Pitch EBBI™ 50D Plug, Vertical, Blind Mate, 130 Circuits, 2.79mm(.110") PC Tail Length
0876232101 1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25°), Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110) Tail Length
0015922460 1.27mm (.050) Pitch EBBI™ 50D Plug, Vertical, without Latch, 60 Circuits, 2.79mm (.110) PC Tail Length
0010897363 2.54mm Pitch C-Grid® Breakaway Header, Dual Row, Vertical, High Temperature, 36 Circuits, 0.76μm Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.79mm PC Tail
0190190004 Avikrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.81mm
0743201006 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 2.79mm P.C. Tail Length, 28 Circuits,
0876391100 1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25° Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm Tail Length
15-92-2520 1.27mm Pitch EBBI™ 50D Plug, Vertical, without Latch, 120 Circuits, 2.79mm PC Tail Length
0879190101 1.00mm (.039) Pitch DDR-2 DIMM Socket, 25 Degree Reverse Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 2.79mm (.110) Tail Length
0355060510 2.79mm MP-Lock™ Tab Housing, Female, 5 Circuits
0743209056 MicroCross™ DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, 2.79mm P.C. Tail Length, with Hex Jack Screw, 24 Circuits, Lead
0743205006 MicroCross™ DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Vertical, Gold (Au) Flash, Lead Free, 2.79mm P.C.Tail Length, 24 Circuits
0716612030 1.27mm Pitch EBBI™ 50D Plug, Right Angle, 30 Circuits, 2.79mm PCTail Length
0190030027 InsulKrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 2.79mm(.110") x 0.51mm
0359570310 2.79mm Width Tab Receptacle Housing, 3 Circuits
0357111110 2.79mm Slip-On Receptacle Terminal, Quick Disconnect, 0.80mm Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm²), Post-Tin Plated
0743206500 MicroCross™ DVI-A Analog Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, Vertical, Gold (Au) Flash, 2.79mm P.C. Tail Length, 24 Circuits, Lead Free

  1 2 3 4 5 6 7