Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



2.7 Fiches techniques, Datasheet

Description trouvée : '2.7' - Totale: 493 (1/25) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
HVZ0E275NF Supercapacitors, Radial, Commercial Grade, HVZ, 2.7 F, 30%, 2.7 V, Wire Leads, Lead Spacing = 3.5mm

Texas Instruments
TLK2701_16 1.6 TO 2.7 GBPS TRANSCEIVER

Pasternack Enterprises,...
PE2CP1071 Low PIM Directional 20 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts

Kemet Corporation
T355D275K035AT T355, Tantalum, MnO2 Tantalum, Commercial Grade, 2.7 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 3.18mm

Texas Instruments
TLV2541 2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN

ATMEL Corporation
AT45DB321C 32 MEGABIT 2.7 VOLT DATAFLASH

Analog Devices
AD5602 2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with

Hittite Microwave Corpo...
HMC334LP4 SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz

M/A-COM Technology Solu...
MASWSS0144 2.7 V GaAs SP3T Switch: GSM - CDMA - GPS DC - 3.0 GHz

NXP Semiconductors
PBSS4032PD 30 V, 2.7 A PNP low VCEsat (BISS) transistor

Analog Devices
AD7887_09 2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7302BNZ 2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
ADM3315E_15 15 kV ESD Protected, 2.7 V to 3.6 V Serial

Skyworks Solutions Inc.
SKY13388-465LF 0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder

Broadcom Corporation.
ALM-32220 1.7 GHz2.7 GHz 2 Watt High Linearity Amplifier

Micro Commercial Compon...
BZT52C2V7L3P 100 mW Zener Diode 2.7 to 39 Volts

Analog Devices
AD5621AKSZ 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
ADT6502SRJZP085RL7 Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
AD5662_15 2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23

NXP Semiconductors
PBSS4350SPN_15 50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor