Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



2.6 Fiches techniques, Datasheet

Description trouvée : '2.6' - Totale: 86 (1/5) Pages
FabricantNo de pièceVoirDescription

National Semiconductor ...
LMX2470 2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL

Siemens Semiconductor G...
SDA9254-2 2.6 MBit Dynamic Sequential Access Memory for Television Applications (TV-SAM) with On-chip Noise Reduction Filter

Peregrine Semiconductor...
PE4268 SP6T UltraCMOS™ 2.6 V Switch 100 - 3000 MHz

SPANSION
S29CD016J 16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory

Tyco Electronics
MASWSS0199 GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz

ON Semiconductor
NCV8440 Protected Power MOSFET 2.6 A, 52 V, N−Channel, Logic Level, Clamped MOSFET w/ ESD Protection

Hittite Microwave Corpo...
HMC386LP4_10 MMIC VCO w/ BUFFER AMPLIFIER, 2.6 - 2.8 GHz

Panasonic Semiconductor
LN221RPH 2.6 mm Series

Pasternack Enterprises,...
PE6018 Non-Shorting Dust Cap for N Female With 2.6 Inch Chain

Peregrine Semiconductor
PE4268 SP6T UltraCMOS 2.6 V Switch

Skyworks Solutions Inc.
SKY74038 2.6 GHz/800 MHz Dual Fractional-N/lnteger-N Frequency Synthesizer

M/A-COM Technology Solu...
MASWSS0065 GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz

Johanson Technology Inc...
2600AT44A0600 2.6 GHz Wideband Chip Antenna

NXP Semiconductors
PSMN2R6-60PS_15 N-channel 60 V, 2.6standard level MOSFET in SOT78

Pasternack Enterprises,...
PE2053 90 Degree SMA Hybrid From 2.6 GHz

Fairchild Semiconductor
FDMS3008SDC N-Channel Dual CoolTM PowerTrench® SyncFETTM 30 V, 49 A, 2.6

Kemet Corporation
T498A685K016ATE2K6 Tantalum, MnO2 Tantalum, High Temperature, T498, 6.8 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.6 Ohms, Height Max = 1.8mm
CBR06C269BAGAC CBR-SMD RF C0G, Ceramic, High Q, 2.6 pF, +/-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

Spectrum Microwave, Inc...
SF0350CD03102S 350 MHz Filter 2.6 MHz Bandwidth

Texas Instruments
LMX2470_14 2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL

1 2 3 4 5 Next


1 2 3 4 5 Next