Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2.5 Fiches techniques, Datasheet

Description trouvée : '2.5' - Totale: 2304 (1/116) Page
FabricantNo de pièceVoirDescription

Micrel Semiconductor
MIC5373 Triple 200mA μCap LDO in 2.5 x 2.5 Thin MLF

Analog Devices
AD5346 2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface

STMicroelectronics
STF3LN62K3 N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK

Silicon Laboratories
SI8220 0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)

Tensility International...
CA-254CS-MM Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG

Agere Systems
TRCV012G5 TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer

PHOENIX CONTACT
CF-500COV-RCT-2 Protective cover for crimping machine CF 500, for tube lugs 0.34 - 2.5 mm² (RCT 2.5)

Agere Systems
TTRN012G5 TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer

PHOENIX CONTACT
SZ-SORTI-1 Screwdriver range, consisting of the small screwdrivers: SZS 0,4 x 2.5, SZS 0.6 x 2.5, SZS 0.6 x 3.5, SZG 0.6 x 3.5

M/A-COM Technology Solu...
SW-489 GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz

STATEK CORPORATION
STD3LN62K3 N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFE DPAK, TO-220FP, TO-220, IPAK

Cree, Inc
CMPA2560025D 25 W, 2.5 - 6.0 GHz, GaN MMIC, Power Amplifier

Optoway Technology Inc
SPB-9620G 1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver

Frontier Electronics.
BP2500A1008FT Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.

Analog Devices
AD8361ART LF to 2.5 GHz TruPwr Detector

Motorola, Inc
MCM69R738A 4M Late Write 2.5 V I/O

Optoway Technology Inc
BTRS-9600MG_09 1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber MM Transceiver

Lumberg
352100 RAST 2.5 connectors, pitch 2.5/5.0 mm

Optoway Technology Inc
SPB-9805WG_08 1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver

Integrated Device Techn...
IDT72T7285_09 2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS

  1 2 3 4 5 6 7 8 9 10