Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2.5 Fiches techniques, Datasheet

Description trouvée : '2.5' - Totale: 2304 (1/116) Page
FabricantNo de pièceVoirDescription

Silicon Laboratories
SI8220 0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)

Tensility International...
CA-254CS-MM Cable, 4 conductor, 2.5 mm plug to 2.5 mm plug, with ring, 6 feet, shielded, 26 AWG

Agere Systems
TRCV012G5 TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer

PHOENIX CONTACT
CF-500COV-RCT-2 Protective cover for crimping machine CF 500, for tube lugs 0.34 - 2.5 mm² (RCT 2.5)

Agere Systems
TTRN012G5 TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer

PHOENIX CONTACT
SZ-SORTI-1 Screwdriver range, consisting of the small screwdrivers: SZS 0,4 x 2.5, SZS 0.6 x 2.5, SZS 0.6 x 3.5, SZG 0.6 x 3.5

M/A-COM Technology Solu...
SW-489 GaAs SP3T 2.5 V High Power Switch DC - 2.5 GHz

STATEK CORPORATION
STD3LN62K3 N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFE DPAK, TO-220FP, TO-220, IPAK

Micrel Semiconductor
MIC5373 Triple 200mA μCap LDO in 2.5 x 2.5 Thin MLF

STMicroelectronics
STF3LN62K3 N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK

Analog Devices
AD5346 2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface

Weidmuller
0393360000 PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm², Pitch: 7.62 mm, No. of poles: 2, 90°, Box

AVAGO TECHNOLOGIES LIMI...
ACPL-K33T Automotive 2.5 A Peak High Output Current SiC MOSFET and IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO-8

Molex Electronics Ltd.
0930514001 5.00mm Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 6 Circuits, Natural, Open Endwalls

Dialog Semiconductor
SLG59M1598V Ultra-small 17 m 2.5 A Load Switch with Discharge

Stealth Microwave, Inc.
SM3436-34HS 3400 - 3600 MHz 2.5 Watt Linear Power Amplifier

ON Semiconductor
NB3L8504S 2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer

Optoway Technology Inc
DL-5300S-CXX0 1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
SPS-9380-CXX0G_2015 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER

Texas Instruments
TLK4250 QUAD 1.0 to 2.5 Gbpss TRANSCEIVER

  1 2 3 4 5 6 7 8 9 10