Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

2-CHANNEL Fiches techniques, Datasheet

Description trouvée : '2-Channel' - Totale: 36 (1/2) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
MAX1415_05 16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
MAX1392_09 1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
MAX6678 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs
MAX6640_08 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
MAX1393 1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
MX7705_09 16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
MAX4027 225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
MAX110 Low-Cost, 2-Channel, ±14-Bit Serial ADCs
MAX16838 Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
MAX1086_07 150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
MAX1086 150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
MAX1108 Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MX7705_10 16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
MAX1286 150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
MAX16838_14 Integrated, 2-Channel, High-Brightness LED Driver
MAX1332 3Msps/2Msps, 5V/3V, 2-Channel, True-Differential 12-Bit ADCs
MAX144 +2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
MAX16838B Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
MAX4158 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
MAX157 +2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX

  1 2