Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



170 Fiches techniques, Datasheet

Description trouvée : '170' - Totale: 152 (1/8) Pages
FabricantNo de pièceVoirDescription

Advanced Power Technolo...
2729-170 170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100®, 10%

Micro Commercial Compon...
SMF5.0A_11 200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS

Microsemi Corporation
UMA5.0A ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V

Skyworks Solutions Inc.
SKY65367_11 169 to 170 MHz Transmit/Receive Front-End Module

NXP Semiconductors
BSS84AKV 50 V, 170 mA dual P-channel Trench MOSFET

Central Semiconductor C...
1SMB50A UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS

Analog Devices
AD9613 12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)

SeCoS Halbleitertechnol...
SGM0410 3.5A , 100V , RDS(ON) 170 m N-Channel Enhancement Mode Power MOSFET

Central Semiconductor C...
CMF50A UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS

Micro Commercial Compon...
SMBJ50 Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt

OSA Opto Light GmbH
OLS-170R Series 170 - 0805 Standard low cost

Vitesse Semiconductor C...
VSC9295 340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O

Micro Commercial Compon...
SMLJ15A-TP Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt

Analog Devices
AD9634 12-Bit, 170 MSPS/210 MSPS/250 MSPS

RFE international
SMAJ33 SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts

Analog Devices
ADV7123-EP CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC

OSA Opto Light GmbH
OLS-170UW Series 170 - 0805 Standard white

Micro Commercial Compon...
P4SMAJ50 400 Watt Transient Voltage Suppressors 5.0 to 170 Volts

StarHope
TVS-TECC Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 170 Volts 1000 Watt Peak Pulse Power

Micro Commercial Compon...
5.0SMLJ11A Transient Voltage Suppressor 11 to 170 Volts 5000 Watt

1 2 3 4 5 6 7 8 Next