Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

17.7 Fiches techniques, Datasheet

Description trouvée : '17.7' - Totale: 10 (1/1) Page
FabricantNo de pièceVoirDescription

Excelics Semiconductor,...
RFMA1720-1W-Q7 17.7 - 19.7 GHz High-Gain Surface Mounted PA

Hittite Microwave Corpo...
HMC711LC5_10 GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz

Integrated Technology F...
221701B Typical 1dB bandwidth of 17.7 MHz

Pasternack Enterprises,...
PE8743 9 Section Bandpass Filter With SMA Female Connectors Operating From 17.7 GHz to 21.2 GHz With a 3.5 GHz Passband

United Monolithic Semic...
CHA6362-QXG 17.7 - 19.7GHz Power Amplifier

PHOENIX CONTACT
3003116 Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray

AVAGO TECHNOLOGIES LIMI...
AMMC-5033 17.7 - 32 GHz Power Amplifier

Excelics Semiconductor,...
RFMA1720-0.5W-Q7 17.7 - 19.7 GHz High Gain Surface-Mounted PA