Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



16 32 64 128K Fiches techniques, Datasheet

Description trouvée : '16 32 64 128K ' - Totale: 245 (1/13) Pages
FabricantNo de pièceVoirDescription

STMicroelectronics
ST22L128 Smartcard 32-Bit RISC MCU with 32, 64, 96, 128 Kbytes EEPROM, Javacard HW Execution & Cryptographic Library

Integrated Device Techn...
IDT72V11165 3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72105 CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16

PHOENIX CONTACT
2296825 Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for IB 32, no. of positions 40/4x14, cable length 1.0 m
2298522 Round cable set, for connection to Allen Bradley SLC 500, OB 32 and IB 32, with one 40-position socket strip and four 14-position socket strips, for splitting 32 channels into 4x8 channels, for OB 32, no. of positions 40/4x14, cable length 2.0 m

Electronic devices inc.
FPIR32 FAST RECOVERY, 32, 40 and 50 AMPERES

Molex Electronics Ltd.
31073-1041 2.54mm H-DAC 64, 6 Way Male Housing Assembly, Single Row, Polarization B

Zarlink Semiconductor I...
ZL50050 8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs

Molex Electronics Ltd.
0936400024 ML-XT / XRC Male (Pin) Solid Terminal, 14 AWG, Solid Terminal Size 16, Gold over Nickel

Integrated Silicon Solu...
IS61NLP6432A 64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM

STMicroelectronics
M58LT256JST 256 Mbit (16 Mb × 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories

GSI Technology
GS816018 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS88018BT 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs

STMicroelectronics
M58PR256LE 256-Mbit, 512-Mbit or 1-Gbit16, multiple bank, multilevel, burst) 1.8 V supply Flash memories

Analog Devices
AD8113JSTZ Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch

GSI Technology
GS816018BT 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs

STMicroelectronics
M58CR064C 64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory

Molex Electronics Ltd.
0936410024 ML-XT / XRC Female (Socket) Solid Terminal, 14 AWG, Solid Terminal Size 16, Gold

Quantum Research Group
QT60645 32, 48, 64 KEY QMatrix KEYPANEL SENSOR ICS

Molex Electronics Ltd.
31073-1011 2.54mm H-DAC 64, 6 Way Receptacle Assembly, Single Row, Polarization B