Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



16 Fiches techniques, Datasheet

Description trouvée : '16' - Totale: 128 (1/7) Pages
FabricantNo de pièceVoirDescription

Integrated Device Techn...
IDT72V11165 3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
IDT72105 CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16

PHOENIX CONTACT
2896283 DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black

Molex Electronics Ltd.
0845250025 ML-XT / XRC Female (Socket) Terminal, 14 to 18 AWG, Terminal Size 16, Insulation

Vicor Corporation
18392 16. Through-hole Socket Mount System (InMate)

STMicroelectronics
M58WR064ET 64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory

General Cable Technolog...
C20652107 Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 16, Conductor/Strands: 26/30
C20532108 Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 16, Conductor/Strands: Solid

Texas Instruments
ADS7871_14 PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V

PHOENIX CONTACT
2860992 Connector set, for IB IL DO 16, copper, colored identification.

Mosel Vitelic, Corp
V54C3256 256Mbit SDRAM 3.3 VOLT, TSOP II / SOC BGA / WBGA PACKAGE 16M X 16, 32M X 8, 64M X 4

Micron Technology
MT48H8M32LF 256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM

Zarlink Semiconductor I...
ZL50073_06 32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs

Analog Devices
ADN4604 4.25 Gbps, 16 × 16, Digital Crosspoint Switch

Mosel Vitelic, Corp
V58C365164S 64 Mbit DDR SDRAM 4M X 16, 3.3VOLT

Intel Corporation
28F400BX-TB 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY

Zarlink Semiconductor I...
ZL50075 32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs

STMicroelectronics
M58WR032ET 32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory

Molex Electronics Ltd.
0330013004_18 MX150 Female Terminal Sealed, Gold Plating, 16, 18 and 20 AWG, Left Reel Payoff
0936400012 ML-XT / XRC Male (Pin) Solid Terminal, 16 to 20 AWG, Solid Terminal Size 16, Nickel

1 2 3 4 5 6 7 Next