Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



1500 Fiches techniques, Datasheet

Description trouvée : '1500' - Totale: 568 (1/29) Pages
FabricantNo de pièceVoirDescription

Teledyne Technologies I...
AC1529 10 TO 1500 MHz 10 TO 1500 MHz

Micropac Industries
66170 1500 Vdc isolation test voltage

M/A-COM Technology Solu...
SMA28 Cascadable Amplifier 10 to 1500 MHz

Peregrine Semiconductor...
PE9312 1500 MHz Low Power UltraCMOS™ Divide-by-4 Prescaler Rad hard for Space Applications

Kemet Corporation
C0603C152F5GACAUTO SMD Auto C0G, Ceramic, 1500 pF, 1%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0402C152J8JACTU Ceramic, Commercial-(CxxxxC), 1500 pF, 5%, 10 V, 0402, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I

Micro Commercial Compon...
SMCJ26CA-TP Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt

Taiwan Semiconductor Co...
1.5SMC_1 1500 Watts Surface Mount Transient Voltage Suppressor

Tyco Electronics
A28-2 10 TO 1500 MHz CASCADABLE AMPLIFIER

Micro Commercial Compon...
1.5KE6.8_15 1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts

Teledyne Technologies I...
AC1508 10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER

Peregrine Semiconductor...
PE3511 1500 MHz Low Power UltraCMOS™ Divide-by-2 Prescaler

M/A-COM Technology Solu...
ELCM-5 E-Series Surface Mount Mixer 5 - 1500 MHz

NEC
UPC2746T-E3 3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER

PHOENIX CONTACT
CUTFOX-S-VDE-M Diagonal cutter, 130 mm, induction-hardened cutting, VDE 1000 V AC/ 1500 V DC tested

Artesyn Technologies
AET 1500 Vdc I/O isolation

AIMTEC
AM6TI-Z Input / Output Isolation 1500 and 3000VDC

Taiwan Semiconductor Co...
1.5KE_10 1500 WattsTransient Voltage Suppressor

Sensitron
SEN-R-1034-XXX TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS

Peregrine Semiconductor...
PE9311 1500 MHz Low Power UltraCMOS™ Divide-by-2 Prescaler Rad hard for Space Applications