Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



15 000 Fiches techniques, Datasheet

Description trouvée : '15 000 ' - Totale: 45 (1/3) Pages
FabricantNo de pièceVoirDescription

Broadband TelCom Power,...
HB50-24 24Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 50W

Won-Top Electronics
RKBPC10_06 10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER

Panasonic Battery Group
DB2W403 DB2W40300L Embossed type (Thermo-compression sealing): 3 000 pcs / reel (standard)

Taiwan Semiconductor Co...
SB15 High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers

Panasonic Battery Group
DB2431200L Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
DB2230400L Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)

Broadband TelCom Power,...
HB75-24 24Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 75W

Panasonic Battery Group
DB2130300L Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)

Jianghai Europe GmbH
CD281LLH 6 000 - 12 000h at 105°C

API Technologies Corp
DAC9331-17 14, 15, and 16-Bit Linearity, Latched MDACs

Panasonic Battery Group
DB2440500L Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)

SL Power Electronics
GNT60 GNT60-X-YYYG, where X = 12, 15, 18, 24 or 48 which represents the output voltage rating, -YYY is value added options not related to Safety and G represents ROHS Compliance

Vishay Siliconix
P10L Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed

Cooper Bussmann, Inc.
170M1558D HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps

Power-One
LOK4001-2RLD 15, 30 and 50 Watt AC-DC Converters

Panasonic Semiconductor
DB2460500L Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)

Broadband TelCom Power,...
HB50-48 48Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 50W

NEC
NDL5471R 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 120 mm InGaAs PIN PHOTO DIODE RECEPTACLE MODULE

Panasonic Battery Group
DB5H411K DB5H411K0L Embossed type (Thermo-compression sealing): 3 000 pcs / reel (standard)

California Eastern Labs
PS7431-1A 4-PIN SOP HIGH ISOLATION VOLTAGE 3 000 Vr.m.s 1-ch Optical Coupled MOS FET

1 2 3 Next


1 2 3 Next